|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Surface Surface Mount LED Lamps FEATURES FEATURES * * * * Compatible with Automatic Placement Equipment Packaged in 12.0mm Tape on 7" Diameter Reels Surface Mount LED Lamp Long Life Solid State Reliability NOTES: 1. All dimensions are in mm. 2. Tolerance is 0.25mm unless otherwise noted. 3. An epoxy meniscus may extend about 1.0mm down the leads. 4. Burr around bottom of epoxy body may be 0.5mm MAX. Pad Layout 0.89 (.035) 4.45 (.175) 0.89 (.035) OPTO-ELECTRICAL CHARACTERISTICS (Ta OPTO-ELECTRICAL CHARACTERISTICS (Ta = 25C) Part Number Color Material Package Lens Color Peak Wave Length nm MTSM3302AG-UY YELLOW REDORANGE RED InGaAlP ON GaAs InGaAlP ON GaAs GaAlAs ON GaAs GaP Gull Wing Water Clear Water Clear Water Clear Water Clear 593 Luminous Intensity (mcd) min. 314.2 Forward Voltage (V) typ. 2.1 Viewing Angle typ. 523.7 @mA 20 max. 2.4 @mA 20 typ. 36 MTSMJ302AG-UO Gull Wing 621 212.0 354.0 20 2.1 2.4 20 36 MTSM7302AG-UR Gull Wing 660 142.0 236.0 20 1.9 2.5 20 36 MTSM2302AG-UG GREEN Gull Wing 567 50 84 20 2.1 2.6 20 36 marktech optoelectronics For up-to-date product info visit our web site at www.marktechopto.com 120 Broadway * Menands, New York 12204 Toll Free: (800) 98-4LEDS * Fax: (518) 432-7454 All specifications subject to change. 369 |
Price & Availability of MTSMJ302AG-UO |